Part Number Hot Search : 
K2376 00GA1 LTC4055 DIM200 IFR350 BA50DD0T SN74AUC AM85C30
Product Description
Full Text Search
 

To Download LMBR0520FT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guardring for over voltage protection * high temperature soldering guaranteed: 260c/10 seconds at terminals mechanical data case : sod123-fl/mini sma molded plastic over sky die terminals : plated leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any we declare that the material of product is weight : 0.0155 g haloggen free (green epoxy compound) handling precautin :none 1.electrical characteristic maximum & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol unit device marking code maximum repetitive peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward rectified current at tc = 75c i f(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a typical thermal resistance (note 1) r ja c/w operating junction temperature range t j c storage temperature range t stg c electrical characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol unit maximum dc reverse current at rated dc blocking voltage t a = 25 tj = 100 i r ma typical junction capacitance at 4.0v, 1mhz c j pf notes: 1. 8.0mm2 (.013mm thick) land areas v schottky barrier rectifiers reverse voltage 20 to 40v forward current 0.5a 28 40 lmbr0540ft1g 20 maximum instantaneous forward voltage at(if = 0.1 a, tj = 25c) (if = 0.5 a, tj = 25c) v f lmbr0520ft1g ?55 to +150 ?55 to +125 lmbr0520ft1g 30 lmbr0520ft1g thru lmbr0540ft1g 0.5 30 85 lmbr0540ft1g 054 40 0.130 10 0.04 10 lmbr0530ft1g 0.3 0.385 0.375 0.450 - 0.55 ?65 to +175 160 0.25 8 lmbr0530ft1g 052 20 14 053 30 21
2.ratings and characteristic curves ( ta = 25c unless otherwise noted ) lmbr0520ft1g thru lmbr0540ft1g fig. 1 C forward current derating curve average forward rectified current (a) 0 25 50 75 100 125 150 175 0.5 0.25 0 60 hz resistive or inductive load case temperature:tc(c) fig 4. C typical reverse characteristics instantaneous reverse current (ma) 0 20 40 60 80 100 10 1.0 0.1 0.01 0.001 percent of rated peak reverse voltage (%) tj=100 C typical junction capacitance 0.1 1 10 100 1000 100 10 tj = 25 c f = 1.0 mhz vsig = 5 0mvp p reverse voltage (v) junction capacitance (pf) fig 5. C typical transient thermal impedance transient thermal impedance( 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec fig. 2 C maximum non-repetitive peak forward surge current n umber of cycles at 60h z peak forward surge current (a ) 1 10 100 30 15 0 tj = tj max 8.3ms single hal f sine-wave (hd) tj = 25 c pulse width = 300s 1% duty cycle instantaneous forward current (a) 10 1.0 0.1 0.01 100 fig 3. C typical instantaneous forward characteristics 0.2 0.4 0.6 0.8 1.0 1.2 instantaneous forward voltage (v) tj = 25 c pulse width = 300s 1% duty cycle
3. dimension: suggested solder pad layout dimensions in inches and (millimeters) lmbr0520ft1g thru lmbr0540ft1g sod123-fl min max min max a 3.5 3.9 0.138 0.159 b 0.75 0.95 0.029 0.037 c 2.6 3.0 0.103 0.119 d 1.6 2.0 0.063 0.079 e h 0.9 1.2 0.036 0.047 j 0.12 0.22 0.005 0.009 k inches 0.018typ 0.032typ millimeters 0.8typ dim 0.45typ package a b c sod123-fl 0.044(1.10 0.040(1.00) 0.079(2.00) b a c
title : 5.1.1 reel packing a. reel spec unit mm abcw 177.02.0 54.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.50.5 330.02.0 75.00.5 13.00.5 17.00.5 177.02.0 50.00.5 13.00.5 9.41.5 177.02.0 50.00.5 13.00.5 9.41.5 330.02.0 75.00.5 13.00.5 13.20.2 b. 13" reel packing box unit mm abc size 3355.0 3352.0 401.0 as per above packing q'ty/box 10k 6k 6k 10k 10k sod123fl 7" reel 3k smb13" reel smc13" reel to277 13" reel smb13" reel 3k smc13" reel 3k sma-fl13" reel 5k to277 13" reel 5k spec quantity/reel sma 7" reel 2k doc no. wi-258 power diode smd package pa cking spec version: 5 modification: 0 page: 2 sma13" reel 5k 5.1 smd packing reel spec & packing quantity sod323he 7" reel 3k smb-fl 13" reel 5k smb-fl 13" reel spec sma13" reel
title : c. 7" reel packing box unit mm abc sma/sma-fl 1882.0 1882.0 1382.0 sod123fl sod323he 1862.0 1392.0 1852.0 as per above packing sma/sma-fl sod123fl sod323he d. reel packing carton unit mm abc size 3502.0 3402.0 3502.0 as per above packing q'ty/carton 80k 80k 48k 36k 80k 80k 80k unit mm abc sod123fl sod323he 4552.0 4002.0 4102.0 as per above packing q'ty/carton 360k 5.1.2 tape spec 360k a. cover tape unit mm a sma /sma-fl smb-fl /smb /to277 9.50.10 smc 13.300.10 sod123fl sod323he 5.40.10 spec sod123-fl 7" reel b page: 3 q'ty/box 16k sma/sma-fl 7" reel sma13"reel smb13"reel smc13"reel sma-fl13"reel to277 13" reel 30k spec doc no. wi-258 power diode smd package packing spec doc no. wi-258 sod323he 7" reel 0.0620.007 30k smb-fl 13" reel
title : b. carrier tape item sod323he sod123fl sma sma-fl smb smb-fl to277 smc w 80.3 80.3 120.3 120.3 120.3 120.3 120.3 160.3 p1 40.1 40.1 40.1 40.1 80.1 80.1 80.1 80.1 e 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 f 3.5.05 3.5.05 5.5.05 5.5.05 5.50.05 5.50.05 5.5.05 7.5.05 d0 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 d1 1.10.1 1.10.1 1.50.1 1.50.1 1.550.05 1.550.05 1.50.1 1.550.05 p0 40.1 40.1 40.1 40.1 40.1 40.1 40.1 40.1 p2 20.05 20.05 20.05 20.05 20.05 20.05 20.05 20.05 10p0 400.2 400.2 400.2 400.2 400.2 400.2 400.2 400.2 a0 1.450.1 1.950.1 2.790.1 2.830.1 3.80.1 3.80.1 4.30.1 6.050.1 b0 2.750.1 3.950.1 5.330.1 4.750.1 5.40.1 5.750.1 6.80.1 8.310.1 k0 0.800.1 1.300.1 2.360.1 1.420.1 2.450.1 1.40.1 1.350.1 2.540.1 t 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 power diode smd package packing spec version: 5 modification: 0 page: 4 doc no. wi-258 k o sec.:a-a' ao p2 p1 a do w e f a' b po b' b o sec.:b-b' t d1 cathode(tape hole side
title : 5.2 smd power diode general packin g spec a. 7" reel all labels will be at cathode side of reel a:lrc label; b:environment label c:halide free label b. 13" reel a:lrc label; b:environment lab e c:halide free label doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 5 c.tape lead: face anode side of the reel,upper side is the tape lead position. all labels are at cathode side of the reel. a c c c c front side
: c. label content lrc label ` lot: 140106049x: 140106---2014/1/6 049----lot number:49 x product code environment label halide-free label doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 6 green p/n lot no. date code quantity manufacturing it maker two-dimension code
reel packing 5.suggested thermal profile for soldering process 1. storage environmenttemper ature=5~40 humidity=5525% 2. reflow soldering of surface-mount device 3. reflow soldering lmbr0520ft1g thru lmbr0540ft1g sod123-fl 7" 3,000 4.0 30,000 183*183*123 178 382*262*387 240,000 8.7 package reel size reel (pcs) appox. gross weight (kg) component spacing (mm) box (pcs) inner box (mm) reel dia. (mm) carton size (mm) carton (pcs) average ramp-up rate(t l to t p ) pr eheat - temperature min(tsmin) - temperature max(tsmax) - time(min to max)(t s ) profile feature soldering condition <3/sec tsmax to t l - ramp-up rate time maintai ned above: - temperature (t l ) - time(t l ) peak temperature(t p ) 255 -0/+5 time within 5 of actual peak temperature(t p ) <6/sec <6minutes ramp-down rate time 25 to peak temperature 150 200 60~120sec <3sec 217 60-260sec 10~30sec
6.high reliability test capabilities solder resistance mil-std-750d method-2031 solderability at 2455 for 5 sec mil-std-202f method-208 high temperature reverse bias v r =80% rate at t j =150 for 168hrs mil-std-750d method-1038 forward operation life mil-std-750d method-1027 intermittent operation life mil-std-750d method-1036 pressure cooker 15p sig at t a =121 for 4hrs jesd22-a102 temperature cycling mil-std-750d method-1051 thermal shock mil-std-750d method-1056 forward surge mil-std-750d method-4066-2 humidity at t a =85r h =85% for 1000hrs mil-std-750d method-1021 high temperature storage life at 175 for 1000hrs mil-std-750d method-1031 item test lmbr0520ft1g thru lmbr0540ft1g 8.3ms single half sine-wave superimposed on rated load,one surge 0 for 5min. rise to 100 for 5min. total 10 cycles condition reference t a =25i f =i o on state:power on for 5 min. off state:power off for 5 min. on and off for 500 cycles -55 to +125 dwelled for 30 min. and transferred for 5min. total 10 cycles rated average rectifier current t a =25 for 500hrs at 2605 for 102sec immerse body into solder 1/16" 1/32"
7. update record lmbr0520ft1g thru lmbr0540ft1g 1 ? 2013.04.03 ?? ?


▲Up To Search▲   

 
Price & Availability of LMBR0520FT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X